Part Number Hot Search : 
00390 4805E NSHU590B 41001 L7808ABP DTC124EE E101JY 223989
Product Description
Full Text Search
 

To Download 1N581705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5817 - 1N5819
PRV : 20 - 40 Volts IO : 1.0 Ampere
FEATURES :
* * * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low cost Low forward voltage drop Pb / RoHS Free
SCHOTTKY BARRIER RECTIFIER DIODES
DO - 41
1.00 (25.4) MIN.
0.107 (2.74) 0.080 (2.03)
0.205 (5.20) 0.160 (4.10)
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.312 gram
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length at TL = 90 C Maximum Peak Forward Surge Current, 8.3ms single half sine wave Superimposed on rated load (JEDEC Method) TL = 70 C Maximum Forward Voltage at IF = 1.0 A Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Typical Thermal Resistance (Note 2) Typical Junction Capacitance (Note 3) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV)
1N5817
20 14 20
1N5818
30 21 30 1.0
1N5819
40 28 40
UNIT
V V V A
IFSM VF IR IR(H) RJL CJ TJ TSTG 0.45
25 0.55 1.0 10 15 110 - 65 to + 125 - 65 to + 125 0.60
A V mA mA C/W pF C C
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle = 2%. (2) Thermal Resistance from junction to lead, PC board Mounting with 0.375" (9.5mm) Lead Lengths and 1.5 in2 (38.1mm2) copper pads. (3) Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( 1N5817 - 1N5819 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1.0
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
25
0.8
PEAK FORWARD SURGE CURRENT, AMPERES
20
0.6
15
0.4
10
0.2
5
0
0
20
40
60
80
100
120
140
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
FORWARD CURRENT, AMPERES
1N581 10
1N581
TJ= 100 C
REVERSE CURRENT, MILLIAMPERES
1
1N5818
1
0.1
TJ = 25 C
TJ = 25 C PULSE WIDTH = 300s 0.1 0.1
0.01 0 20 40 60 80
100
120
140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of 1N581705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X